Part Number Hot Search : 
C34004 30402 E007249 V375B 2SK25031 BA130 00500 BAV201
Product Description
Full Text Search
 

To Download 719W-00-02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THESE DRAWINGS ARE THE PROPERTY OF QUALTEK ELECTRONICS AND NOT TO BE REPRODUCED FOR OR COMMUNICATED TO A THIRD PARTY WITHOUT THE EXPRESS WRITTEN PERMISSION OF AN OFFICER OF QUALTEK ELECTRONICS. 24.0 14.0
REVISION REV. B DESCRIPTION RoHS Compliancy DATE 06-01-06 APPROVED DP
36.0
33.0 31.0
4.0 31.0
O3.5
44.0 27.0 28.0 5.0 PANEL CUTOUT
31.4
15.7
31.0
1.5x3.0L 2.8
NOTES: MATERIAL: MOULDING: NYLON, FLAMMABILITY RATING UL 94 V-0 CONTACTS: BRASS, PINS NICKEL PLATED, TAGS TIN PLATED RATING: 10A 250V AC CONTACT RESISTANCE: <10m OHM INSULATION RESISTANCE: >10 3 M OHM A.C. BREAKDOWN: POLE-POLE: 5kV POLES-PANEL: 4.0kV OPERATING TEMPERATURE: -40 C TO +70 C MAX. PIN TEMPERATURE: +65 C APPROVALS: UL,CSA, VDE DUAL FUSEHOLDER, ONE ACTIVE, ONE SPARE FUSES NOT INCLUDED - RECOMMENDED SIZE: 5 X 20mm RoHS COMPLIANT
26.7
Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500
Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20
CONTROLLED Qualtek Electronics Corp.
Part Number: Description:
PPC DIVISION 719W-00/02
AC RECEPTACLE
UNIT: mm REV. B
Approved / Date JJH / 01-21-03
Drawn / Date B.Zhang 01-21-03
Checked / Date 01-21-03
7.0
10.0
14.0
15.0


▲Up To Search▲   

 
Price & Availability of 719W-00-02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X